Part Number Hot Search : 
ADG701 54241032 MCJ10A 768KHZ 768KHZ PD3505N SMBJ24A 66M00
Product Description
Full Text Search
 

To Download ODC1032-AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i/o ordering information input/output relays for interface between the cpu and the load i/o-relays features input and output modules for interfacing between cpu and external input devices or loads iac: ac input (yellow) oac: ac output (black) idc: dc input (white) odc: dc output (red) excellent transient noise immunity breakdown voltage: 4,000 v between input and output zero-cross switching for reducing emi led operation indication types av ailable typical applications 1. optimum for minicomputer and microcomputer use, and for feed back control process control systems. robot, nc machine, automatic assembling machine. 2. programmable controllers controls for motors, solenoids and solenoid valves. compliance with rohs directive input or output i: o: ac or dc ac: dc: logic supply or control voltage 3/15: 3 to 15 v dc 4/15: 4 to 15 v dc 10/32: 10 to 32 v dc input or output voltage input nil: a: output nil: a: 80 to 140 v ac 3 to 32 c dc 160 to 280 v ac 75 to 125 v ac 3 to 60 v dc 75 to 250 v ac 10 to 200 v dc operation indication nil: l: input module output module ac input or ac output dc input or dc output no operation indication operation indication all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
i/o example of i/o system construction types input modules standard packing: carton: 20 pcs.; case: 200 pcs. note: please refer to the standards chart for products that have been certi?d. output modules standard packing: carton: 20 pcs.; case: 200 pcs. note: please refer to the standards chart for products that have been certi?d. type logic supply voltage input voltage part no. no led with led ac 4 to 15 v dc 80 to 140 v ac iac4/15 iac4/15-l 160 to 280 v ac iac4/15-a iac4/15-al 10 to 32 v dc 80 to 140 v ac iac10/32 iac10/32-l 160 to 280 v ac iac 10/32-a iac10/32-al dc 4 to 15 v dc 3 to 32 v dc idc4/15 idc4/15-l 10 to 32 v dc 3 to 32 v dc idc10/32 idc10/32-l type logic supply voltage output voltage part no. no led with led ac 3 to 15 v dc or 4 to 15 v dc 75 to 125 v ac oac3/15 oac4/15-l 75 to 250 v ac oac3/15-a oac4/15-al 10 to 32 v dc 75 to 125 v ac oac10/32 oac10/32-l 75 to 250 v ac oac10/32-a oac10/32-al dc 3 to 15 v dc or 4 to 15 v dc 3 to 60 v dc odc3/15 odc4/15-l 10 to 200 v dc odc3/15-a odc4/15-al 10 to 32 v dc 3 to 60 v dc odc10/32 odc10/32-l 10 to 200 v dc odc10/32-a odc10/32-al micro-computer or logic circuit 5 v dc 24 v dc dc input module temperature controller 5 v dc 120 v ac 5 v dc 24 v dc dc input module 5 v dc 24 v dc dc output module 5 v dc 120 v ac 5 v dc 120 v ac ac output module pc board ac input module ac input module ac motor dc solenoid limit switch recently, the microcomputer shown in the left has come into use, with a rapid in- crease in the use of feedback control for process controllers. as an input/output in- terface relay, it represents a fast respond- ing interface with long life, noiseless, pc board mounting facility, making circuit de- sign and manufacture simple, and provid- ing ampli?ation of maintenance with space saving. our companys i/o relays have been grouped for use with either ac or dc devices as ac output type, ac in- put type, dc output type, and dc input. in addition, the i/o use relay is modular- ized identically, responding to the various load types for pc board mounting. be- cause combinations can be freely used, circuit design has been greatly facilitated. accordingly, the above diagram of inter- face pc board mounting is a practical construction which can be used. all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
i/o specifications rating (at 20 c 68 f , voltage ripple of logic side: less than 1%) 1. input module 2. output module notes: *1. please refer to reference data, ?. input current vs. input voltage? *2. please refer to reference data, ?. load current vs. ambient temperature? *3. please refer to reference data, ?. surge current vs. time? *4. when the load current is less than the rated minimum load current, please refer to ?autions for use of ssr? characteristics (at 20 c 68 f , v oltage ripple of logic side: less than 1%) iac 4/15 iac 4/15-l iac 10/32 iac 10/32-l iac 4/15-a iac 4/15-al iac 10/32-a iac 10/32-al idc 4/15 idc 4/15-l idc 10/32 idc 10/32-l remarks input side input voltage 80 to 140 v ac 160 to 280 v ac 3 to 32 v dc input current, max. 5 ma (100 v) 5 ma (200 v) 20 ma (32 v) operate voltage, max. 80 v ac 160 v ac 3 v release voltage min. 10 v ac 20 v ac 0.8 v logic side logic supply voltage 4 to 15 v 10 to 32 v 4 to 15 v 10 to 32 v 4 to 15 v 10 to 32 v logic supply current, max. 15 ma 15 ma at max. logic supply voltage breakdown voltage 30 v 30 v output current, max. 25 ma 25 ma max. ?ff-side leakage current 100 a 100 a max. ?n-side voltage drop 0.4 v 0.4 v at max. carrying current oac 3/15 oac 4/15-l oac 10/32 oac 10/32-l oac 3/15-a oac 4/15-al oac 10/32-a oac 10/32-al odc 3/15 odc 4/15-l odc 10/32 odc 10/32-l odc 3/15-a odc 4/15-al odc 10/32-a odc 10/32-al remarks logic side logic voltage range 3 to 15 v 4 to 15 v 10 to 32 v 3 to 15 v 4 to 15 v 10 to 32 v 3 to 15 v 4 to 15 v 10 to 32 v 3 to 15 v 4 to 15 v 10 to 32 v * 1 input impedance (approx.) 1.6 k ? 1.7 k ? 6 k ? 5 k ? 1.6 k ? 1.7 k ? 6 k ? 5 k ? 1.6 k ? 1.7 k ? 6 k ? 5 k ? 1.6 k ? 1.7 k ? 6 k ? 5 k ? drop-out voltage, min. 0.8v 0.8v output side max. load current 2 a (ambient temperature: max. 30 c)* 2 2 a (ambient temperature: max. 40 c)*2 1 a (ambient temperature: max. 40 c)* 2 output voltage 75 to 125 v ac 75 to 250 v ac 3 to 60 v dc 10 to 200 v dc non-repetitive surge current 30 a (in one cycle at 60 hz)* 3 5 a (for 1 s)* 3 max. ?ff-state leakage current 5 ma (100 v) 5 ma (200 v) 1 ma (60 v) 1 ma (200 v) at 60 hz max. ?n-state voltage current 1.6 v 1.6 v 2.3 v at max. carrying current min. load current 50 ma* 4 5 ma* 4 input modules output modules iac idc oac odc operate time, max. 20 ms 5 ms 1/2 cycle of voltage sine wave + 1 ms 0.5 ms release time, max. 20 ms 5 ms 1/2 cycle of voltage sine wave + 1 ms 2 ms insulation resistance 10 9 ? between input and output (at 500 v dc) breakdown voltage 4,000 v ac between input and output (for 1 min.) vibration resistance destructive 10 to 55 hz at double amplitude of 2 mm (1hour for x, y, z axis) functional 10 to 55 hz at double amplitude of 2 mm (10 minutes for x, y, z axis) shock resistance destructive min. 980 m/s 2 {100g} (5 times each for x, y, z axis) functional min. 980 m/s 2 {100g} (4 times each for x, y, z axis) ambient temperature ?0 c to +80 c ?2 f to +176 f ?0 c to +80 c ?2 f to +176 f storage temperature ?0 c to +100 c ?2 f to +212 f ?0 c to +100 c ?2 f to +212 f operational method zero-cross (turn-on and turn-off) all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
i/o reference data dimensions (mm inch ) 1-1. load current vs. ambient temperature (oac) 1-2. load current vs. ambient temperature (odc) 2-1. surge current vs. time (oac) -30 0 2 0 4 0 6 0 8 0 0 ambient temperature, c load current, ma 0.5 1.0 1.5 2.0 2.5 -30 0 2 0 4 0 6 0 8 0 0 ambient temperature, c load current, a 0.5 1.0 1.5 2.0 2.5 2 a type 1 a type 510 50 100 no. of cycles at 60 hz surge current, a 0 10 20 30 2-2. surge current vs. time (odc) 3. input current vs. input voltage (oac, odc) 50 100 500 1,000 time, ms surge current, a 2 0 4 6 8 10 12 14 16 18 20 22 oac3/15, oac3/15-a odc3/15, odc3/15-a oac4/15-l, oac4/15-al odc4/15-l, odc4/15-al oac10/32-l, oac10/32-al odc10/32-l, odc10/32-al oac10/32, oac10/32-a odc10/32, odc10/32-a 0 5 10 10 20 30 input current, ma input voltage, v the cad data of the products with a cad data mark can be downloaded from: http://panasonic-electric-works.net/ac input module (iac, idc) 5.08 4.3 5-0.8 dia. 10.16 4.7 15 4 23 .200 .169 5-.031 dia. .400 .185 7 .276 43 1.693 5.08 5.08 .200 12.7 .500 .200 10 .394 4.0 .157 0.5 .020 20.0 .787 17.4 .685 pc board pattern (bottom view) iac idc 1 input: ac input: dc + 2 input: ac input: dc 3 vcc vcc 4 logic output logic output 5 grounding grounding body color yellow white 5-1.2 dia. 10.16 5.08 5.08 12.7 33.02 5 3 2 4 1 copper foil .500 1.300 .400 .200 .200 5-.047 dia. cad data output modules (oac, odc) 14 23 4-0.8 dia. 4-.031 dia. 4.7 .185 5.08 4.3 10.16 .200 .169 .400 43 1.693 5.08 .200 12.7 .500 10 .394 7 .276 4.0 .157 0.5 .020 20.0 .787 17.4 .685 pc board pattern (bottom view) oac odc 1 output: ac output: dc + 2 output: ac output: dc 3 input: dc+ input: dc+ 4 input: dc- input: dc- body color black red 4-1.2 dia. 10.16 5.08 12.7 27.94 3 2 4 1 copper foil .500 1.100 .400 .200 4-.047 dia. cad data all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.
i/o block diagram accessories for cautions f or us e . 1) ac input module without led with led 2) dc input module without led with led led vcc + 1 2 4 5 3 led vcc + 1 2 4 5 3 led vcc + + 4 5 3 1 2 led led vcc + + 4 5 3 1 2 3) ac output module without led with led 4) dc output module without led with led led + 1 2 3 4 zero-cross switching circuit led + 1 2 3 4 zero-cross switching circuit + + 1 2 3 4 amp. circuit led led + + 1 2 3 4 amp. circuit 25.8 0.6 1.018 .024 28.5 1 1.122 .039 10.5 0.5 .413 .020 4 0.3 5.08 0.3 .200 .012 .157 .012 place for label* 12 345 22.1 0.6 .870 .024 0.5 0.1 .020 .004 6.5 0.3 .256 .012 46.6 1 1.835 .039 5.08 0.3 .200 .012 12.7 0.3 .500 .012 5.08 0.3 .200 .012 10.16 0.3 .400 .012 10.16 12.7 .400 .500 5.08 5.08 .200 .200 5-1.2 dia. 5-.047 dia. i/o socket pc board pattern (bottom view) i/o-ps * use the included label. af?ing it here on the socket will facilitate viewing of the circuit and other tasks. cad data all rights rese r v ed ? c opyright panasonic elect r ic w o r k s co., ltd.


▲Up To Search▲   

 
Price & Availability of ODC1032-AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X